Part Number Hot Search : 
PE8402 CS5102A C1403 ZL40803 ALC5624 CA14392 334H4 D8103
Product Description
Full Text Search
 

To Download D15SB100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d15sb10 ~ D15SB100 100 ~ 1000 v 15.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 06-aug-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen-free and rohs compliant features ? plastic package has underwriters laboratory flammability classification 94v-0 ? high current capacity with small package ? glass passivated chip junctions ? superior thermal conductivity ? high ifsm maximum ratings (t a =25 unless otherwise noted) parameters symbol part numbers units d15sb 10 d15sb 20 d15sb 40 d15sb 60 d15sb 80 d15sb 100 maximum repetitive voltage v rrm 100 200 400 600 800 1000 v maximum rms voltage v rms 70 140 280 420 560 700 v maximum dc blocking voltage v dc 100 200 400 600 800 1000 v maximum dc reverse current at rated dc blocking voltage @t a =25c i r 10 ? a @t a =125c 500 maximum average forward rectified output current at with heatsink t c =100c i o 15 a without heatsink t a =25c 3.5 peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 250 a rating of fusing (t < 8.3ms) l2t 240 a2sec maximum instantaneous forward voltage @ 7.5a v f 1.0 v dielectric strength termi nals to case, ac 1 minute current 1ma vdia 2.5 kv maximum thermal on p.c.b without heat-sink r ja 23 c / w resistance per leg on ai plate heat-sink r jc 1.5 operating and storage temperature range t j , t stg 150 , -55 ~ 150 c mounting torque tor rating torque 0.8 n.m d5-25sb ref. millimete r ref. millimete r min. max. min. max. a 29.7 30.3 k 2.6 2.8 b 19.7 20.3 l 7.3 7.7 c4.4 4.8 n2.32.7 d 17.0 18.0 p 0.9 1.1 e 0.6 0.8 o 2.0 2.4 g 5 ref. r 3 x 45 j 3.4 3.8 s 9.8 10.2 f 3.3 3.7 h 10.8 11.2 g m l s l o n r p b h f j c k e d a
d15sb10 ~ D15SB100 100 ~ 1000 v 15.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 06-aug-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of D15SB100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X